Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ADL5380
Rev. 0 | Page 19 of 36
DISTRIBUTIONS FOR fLO = 2700 MHz
0
10
20
30
40
50
60
70
80
90
100
18
20
22
24
26
28
30
32
34
36
INPUT IP3 (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 58. IIP3 Distributions
0
10
20
30
40
50
60
70
80
90
100
456789
10
11
12
13
14
GAIN (dB), IP1dB (dBm)
IP1dB
GAIN
TA = –40°C
TA = +25°C
TA = +85°C
Figure 59. Gain and IP1dB Distributions
0
10
20
30
40
50
60
70
80
90
100
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
GAIN MISMATCH (dB)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 60. IQ Gain Mismatch Distributions
0
10
20
30
40
50
60
70
80
90
100
35
40
45
50
55
60
65
70
75
INPUT IP2 (dBm)
I CHANNEL
Q CHANNEL
TA = –40°C
TA = +25°C
TA = +85°C
Figure 61. IIP2 Distributions for I Channel and Q Channel
0
10
20
30
40
50
60
70
80
90
100
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
NOISE FIGURE (dB)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 62. Noise Figure Distributions
0
10
20
30
40
50
60
70
80
90
100
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
QUADRATURE PHASE ERROR (Degrees)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 63. IQ Quadrature Phase Error Distributions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com