Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADL5380
Rev. 0 | Page 6 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD SHOULD BE CONNECTED TO A
LOW IMPEDANCE THERMAL AND ELECTRICAL
GROUND PLANE.
1
GND3
2
GND1
3
IHI
4
ILO
5
GND1
6
VCC1
15 QLO
16 QHI
17 GND2
18 GND3
14 GND2
13 VCC2
ADL5380
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 5, 8, 11, 14,
17, 18, 20, 23
GND1, GND2, GND3, GND4
Ground Connect.
3, 4, 15, 16
IHI, ILO, QLO, QHI
I Channel and Q Channel Mixer Baseband Outputs. These outputs have a 50 Ω differential
output impedance (25 Ω per pin). Each output pair can swing 2 V p-p (differential) into a
load of 200 Ω. The output 3 dB bandwidth is ~400 MHz.
6, 13, 24
VCC1, VCC2, VCC3
Supply. Positive supply for LO, IF, biasing, and baseband sections. Decouple these pins to
the board ground using the appropriate-sized capacitors.
7
ENBL
Enable Control. When pulled low, the part is fully enabled; when pulled high, the part is
partially powered down and the output is disabled.
9, 10
LOIP, LOIN
Local Oscillator Input. Pins must be ac-coupled. A differential drive through a balun is
necessary to achieve optimal performance. Recommended balun is the Mini-Circuits
TC1-1-13 for lower frequencies, the Johanson Technology 3600 balun for midband
frequencies, and the Johanson Technology 5400 balun for high band frequencies.
Balun choice depends on the desired frequency range of operation.
12
NC
Do not connect this pin.
19
ADJ
A resistor to VS that optimizes third-order intercept. For operation <3 GHz, RADJ = 1.5 kΩ.
For operation from 3 GHz to 4 GHz, RADJ = 200 Ω. For operation >5 GHz, RADJ = open.
See the Circuit Description section for more details.
21, 22
RFIN, RFIP
RF Input. A single-ended 50 Ω signal can be applied differentially to the RF inputs through
a 1:1 balun. Recommended balun is the Mini-Circuits TC1-1-13 for lower frequencies, the
Johanson Technology 3600 balun for midband frequencies, and the Johanson Technology
5400 balun for high band frequencies. Balun choice depends on the desired frequency
range of operation.
EP
Exposed Paddle. Connect to a low impedance thermal and electrical ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com