Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADL5380
Rev. 0 | Page 29 of 36
As the load impedance of the filter increases, the filter design
becomes more challenging in terms of meeting the required
rejection and pass band specifications. In the previous W-CDMA
example, the 500 Ω load impedance resulted in the design of a
sixth-order filter that has relatively large inductor values and small
capacitor values. If the load impedance is 200 Ω, the filter design
becomes much more manageable. Figure 92 shows a fourth-order
filter designed for a 10 MHz wide LTE signal. As shown in Figure 92,
the resultant inductor and capacitor values become much more
practical with a 200 Ω load.
2.2µH
2.2µH
1.5µH
1.5µH
Figure 92. Fourth-Order Low-Pass LTE Filter Schematic
Figure 93 and Figure 94 illustrate the magnitude response and
group delay response of the fourth-order filter, respectively.
–35
–25
–15
–5
–30
–20
–10
0
–40
5
FREQUENCY (MHz)
40
35
30
25
20
15
10
5
0
Figure 93. Fourth-Order Low-Pass LTE Filter Magnitude Response
5
10
1520253035
40
0
10
20
30
40
50
0
60
FREQUENCY (MHz)
Figure 94. Fourth-Order Low-Pass LTE Filter Group Delay Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com