Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADL5380
Rev. 0 | Page 13 of 36
–30
–25
–20
–15
–10
–5
0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
LO FREQUENCY (GHz)
Figure 32. LO Port Return Loss vs. LO Frequency Measured on
Characterization Board Through Johanson Technology 3600 Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com