Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADL5380
Rev. 0 | Page 8 of 36
8
10
12
14
9
11
13
15
16
17
18
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 7. Noise Figure vs. LO Frequency
–4
–3
–2
–1
0
1
2
3
4
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 8. IQ Quadrature Phase Error vs. LO Frequency
25
30
35
40
45
50
55
60
65
70
75
0
2
4
6
8
10
12
14
16
18
20
–6
–5
–4
–3
–2
–1
0
1
2
3456
LO LEVEL (dBm)
IIP2, I CHANNEL
IIP2, Q CHANNEL
IP1dB
GAIN
IIP3
NOISE FIGURE
Figure 9. Conversion Gain, IP1dB, Noise Figure, IIP3, and IIP2 vs.
LO Level, fLO = 900 MHz
160
180
200
220
240
260
280
300
0
5
10
15
20
25
30
35
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VADJ (V)
INPUT IP3
SUPPLY
CURRENT
NOISE FIGURE
TA = –40°C
TA = +25°C
TA = +85°C
Figure 10. IIP3, Noise Figure, and Supply Current vs. VADJ, fLO = 900 MHz
5
7
9
11
13
15
17
19
21
23
25
–30
–25
–20
–15
–10
–5
0
5
RF BLOCKER INPUT POWER (dBm)
920MHz
1920MHz
Figure 11. Noise Figure vs. Input Blocker Level, fLO = 900 MHz, fLO = 1900 MHz
(RF Blocker 5 MHz Offset)
20
25
30
35
40
45
50
55
60
2
4
6
8
10
12
14
16
18
–6
–5
–4
–3
–2
–1
012345
6
LO LEVEL (dBm)
GAIN
IIP3
IP1dB
NOISE FIGURE
IIP2, Q CHANNEL
IIP2, I CHANNEL
Figure 12. Conversion Gain, IP1dB, Noise Figure, IIP3, and IIP2 vs.
LO Level, fLO = 2700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com