Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ADL5380
Rev. 0 | Page 33 of 36
Table 5. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOSx, GNDx
Power Supply and Ground Vector Pins.
Not applicable
R10x, R12x,
R19x
Power Supply Decoupling. Shorts or power supply decoupling resistors.
R10x, R12x, R19x = 0 Ω (0603)
C6x to C11x
The capacitors provide the required dc coupling up to 6 GHz.
C6x, C7x, C8x = 100 pF (0402),
C9x, C10x, C11x = 0.1 μF (0603)
P1x, R11x,
R9x, R1x
Device Enable. When connected to VS, the device is active.
P1x, R9x = DNI, R1x = DNI,
R11x = 0 Ω
R23x
Adjust Pin. The resistor value here sets the bias voltage at this pin and optimizes
third-order distortion.
R23B = 1.5 kΩ (0603),
R23A = 200 Ω (0603)
C1x to C5x,
C12x
AC Coupling Capacitors. These capacitors provide the required ac coupling
from 400 MHz to 4 GHz.
C1x, C4x = DNI,
C2x, C3x, C5x, C12x = 100 pF (0402)
R2x to R7x,
R13x to R18x
Single-Ended Baseband Output Path. This is the default configuration of the
evaluation board. R13x to R18x are populated for appropriate balun interface.
R2x to R5x are not populated. Baseband outputs are taken from QHI and IHI. The
user can reconfigure the board to use full differential baseband outputs. R2x to R5x
provide a means to bypass the 9:1 TCM9-1 transformer to allow for differential base-
band outputs. Access the differential baseband signals by populating R2x to R5x
with 0 Ω and not populating R13x to R18x. This way the transformer does not need
to be removed. The baseband outputs are taken from the SMAs of QHI, QLO, IHI,
and ILO. R6x and R7x are provisions for applying a specific differential load across
the baseband outputs
R2x to R7x = open,
R13x to R18x = 0 Ω (0402)
T2x, T4x
IF Output Interface. TCM9-1 converts a differential high impedance IF output to
a single-ended output. When loaded with 50 Ω, this balun presents a 450 Ω load
to the device. The center tap can be decoupled through a capacitor to ground.
T2x, T4x = TCM9-1, 9:1 (Mini-Circuits)
C15x, C16x
Decoupling Capacitors. C15x and C16x are the decoupling capacitors used to reject
noise on the center tap of the TCM9-1.
C15x, C16x = 0.1 μF (0402)
T1x
LO Input Interface. A 1:1 RF balun that converts the single-ended RF input to
differential signal is used.
T1B = TC1-1-13, 1:1 (Mini-Circuits)
for operation <3 GHz,
T1A = Johanson Technology
3600BL14M050 for operation from
3 GHz to 4 GHz, Johanson Technology
5400BL15K050 for operation from
4900 MHz to 5800 MHz
T3x
RF Input Interface. A 1:1 RF balun that converts the single-ended RF input to
differential signal is used.
T3B = TC1-1-13, 1:1 (Mini-Circuits)
for operation <3 GHz,
T3A = Johanson Technology
3600BL14M050 for operation from
3 GHz to 4 GHz, Johanson Technology
5400BL15K050 for operation from
4900 MHz to 5800 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com