Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ADL5380
Rev. 0 | Page 15 of 36
180
200
220
240
260
280
300
1.01.52.02.5
3.03.54.04.5
VADJ (V)
NOISE FIGURE
0
5
10
15
20
25
30
TA = –40°C
TA = +25°C
TA = +85°C
INPUT IP3
SUPPLY CURRENT
Figure 39. IIP3, Noise Figure, and Supply Current vs. VADJ, fLO = 5800 MHz
0
5
10
15
20
25
–30
–25
–20
–15
–10
–5
RF POWER LEVEL (dBm)
Figure 40. Noise Figure vs. Input Blocker Level, fLO = 5800 MHz
(RF Blocker 5 MHz Offset)
0
10
20
30
40
50
60
1
234
VADJ (V)
5800MHz: GAIN
5800MHz: IP1dB
5800MHz: IIP2, I CHANNEL
5800MHz: IIP2, Q CHANNEL
Figure 41. Conversion Gain, IP1dB, and IIP2 vs.
RBIAS, fLO = 5800 MHz
–10 0
–90
–80
–70
–60
–50
–40
–30
–20
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
LO FREQUENC Y (GHz)
Figure 42. LO-to-RF Leakage vs. LO Frequency
–20
–30
–40
–50
–60
–70
–80
–90
–100
5.7
5.6
5.5
5.4
5.3
5.2
5.1
5.8
5.9
6.0
RF FREQUENCY (MHz)
Figure 43. RF-to-LO Leakage vs. RF Frequency
RF FREQUENCY (GHz)
–16
–14
–12
–10
–8
–6
–4
–2
0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
Figure 44. RF Port Return Loss vs. RF Frequency Measured on
Characterization Board Through Johanson Technology 5400 Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com