Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADL5380
Rev. 0 | Page 7 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, LO drive level = 0 dBm, RF input balun loss is de-embedded, unless otherwise noted.
LOW BAND OPERATION
RF = 400 MHz to 3 GHz; Mini-Circuits TC1-1-13 balun on LO and RF inputs, 1.5 kΩ from the ADJ pin to VS.
2
6
12
16
4
10
8
14
18
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
GAIN
INPUT P1dB
Figure 3. Conversion Gain and Input 1 dB Compression Point (IP1dB) vs.
LO Frequency
10
20
30
40
50
60
70
80
I CHANNEL
Q CHANNEL
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
INPUT IP2
INPUT IP3 (I AND Q CHANNELS)
Figure 4. Input Third-Order Intercept (IIP3) and
Input Second-Order Intercept Point (IIP2) vs. LO Frequency
–1.0
–0.8
–0.6
0
–0.2
–0.4
0.2
0.4
0.6
0.8
1.0
TA = –40°C
TA = +25°C
TA = +85°C
LO FREQUENCY (MHz)
Figure 5. IQ Gain Mismatch vs. LO Frequency
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
BASEBAND FREQUENCY (MHz)
Figure 6. Normalized IQ Baseband Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com