Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADL5380
Rev. 0 | Page 11 of 36
MIDBAND OPERATION
RF = 3 GHz to 4 GHz; Johanson Technology 3600BL14M050T balun on LO and RF inputs, 200 Ω from VADJ to VS.
4
5
6
7
8
9
10
11
12
13
14
3.03.13.23.33.43.53.63.73.8
3.9
4.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
IP1dB
GAIN
Figure 20. Conversion Gain and Input 1 dB Compression Point (IP1dB) vs.
LO Frequency
10
20
30
40
50
60
70
80
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
4.0
3.9
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
INPUT IP3 I AND Q CHANNELS
INPUT IP2
I CHANNEL
Q CHANNEL
Figure 21. Input Third-Order Intercept (IIP3) and
Input Second-Order Intercept Point (IIP2) vs. LO Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
3.0
3.2
3.4
3.6
3.8
4.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 22. IQ Gain Mismatch vs. LO Frequency
10
15
20
25
30
35
40
45
50
55
60
0
2
4
6
8
10
12
14
16
18
20
–6
–5
–4
–3
–2
–1
0
12345
6
LO LEVEL (dBm)
IIP2, I CHANNEL
IIP2, Q CHANNEL
IP1dB
IIP3
GAIN
NOISE FIGURE
Figure 23. Conversion Gain, IP1dB, Noise Figure, IIP3, and IIP2 vs.
LO Level, fLO = 3600 MHz
8
9
10
11
12
13
14
15
16
17
18
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 24. Noise Figure vs. LO Frequency
–4
–3
–2
–1
0
1
2
3
4
3.0
3.2
3.4
3.6
3.8
3.9
3.1
3.3
3.5
3.7
4.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 25. IQ Quadrature Phase Error vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com