Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet (PDF) - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet PDF - NXP Semiconductors
Part # PCF2119AU/2DA/2
Download  PCF2119AU/2DA/2 Download
File Size   457.29 Kbytes
Page   79 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD controllers/drivers

PCF2119AU/2DA/2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF2119AU/2DA/2 Datasheet PDF - NXP Semiconductors

Part # PCF2119AU/2DA/2
Download  PCF2119AU/2DA/2 Click to download

File Size   457.29 Kbytes
Page   79 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD controllers/drivers

PCF2119AU/2DA/2 Datasheet (HTML) - NXP Semiconductors


PCF2119AU/2DA/2 Product details

General description

The PCF2119x is a low power CMOS1 LCD controller and driver, designed to drive a dot matrix LCD display of 2-lines by 16 characters or 1-line by 32 characters with 5 ×8 dot format. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD bias voltages, resulting in a minimum of external components and lower system current consumption.The PCF2119x interfaces to most

microcontrollers via a 4-bit or 8-bit bus or via the 2-wire I2C-bus. The chip contains a character generator and displays alphanumeric and kana (Japanese) characters.



Features and benefits

Single-chip LCD controller and driver

2-line display of up to 16 characters plus 160 icons or 1-line display of up to 32 characters plus 160 icons

5×7 character format plus cursor; 5×8 for kana (Japanese) and user defined symbols

Reduced current consumption while displaying icons only

Icon blink function

On-chip:

  ‹Configurable 4, 3, or 2 times voltage multiplier generating LCD supply voltage, independent of VDD, programmable by instruction (external supply also possible)

  ‹Temperature compensation of on-chip generated VLCDOUT: −0.16 %/K to −0.24 %/K (programmable by instruction)

  ‹Generation of intermediate LCD bias voltages

‹  Oscillator requires no external components (external clock also possible)

Display Data RAM (DDRAM): 80 characters

Character Generator ROM (CGROM): 240 characters (5×8)

Character Generator RAM (CGRAM): 16 characters (5×8); 4 characters used to drive 160 icons, 8 characters used if icon blink feature is used in application

4-bit or 8-bit parallel bus and 2-wire I2C-bus interface

Manufactured insilicon gate CMOS process

18 row and 80 column outputs

Multiplex rates 1:18 (2-line display or 1-line display), 1:9 (for 1-line display of up to 16 characters and 80 icons) and 1:2 (for icon only mode)

Uses common 11 code instruction set (extended)

Logic supply voltage: VDD1−VSS1= 1.5 V to 5.5 V (chip may be driven with two battery cells)

LCD supply voltage: VLCDOUT−VSS2= 2.2 V to 6.5 V

VLCDgenerator supply voltage: VDD2−VSS2= 2.2 V to 4 V and VDD3−VSS2=2.2Vto4V

Direct mode to save current consumption for icon mode and multiplex drive mode 1:9 (depending on VDD2value and LCD liquid properties)

Very low current consumption (20μA to 200μA):

  ‹Icon mode: < 25μA

  ‹Power-down mode: < 2μA

Icon mode is used to save current. When only icons are displayed, a much lower LCD operating voltage can be used and the switching frequency of the LCD outputs is reduced; in most applications it is possible to use VDDas LCD supply voltage



Applications

Telecom equipment

Portable instruments

Point-of-sale terminals




Similar Part No. - PCF2119AU/2DA/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119AU/2 PHILIPS-PCF2119AU/2 Datasheet
339Kb / 68P
LCD controllers/drivers
2003 Jan 30
More results


Similar Description - PCF2119AU/2DA/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
LCD controllers/drivers
1998 May 11
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
logo
National Semiconductor ...
DS8887 NSC-DS8887 Datasheet
232Kb / 4P
DISPLAY CONTROLLERS / DRIVERS
logo
NXP Semiconductors
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
LCD controllers/drivers
28. August 2000
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
LCD controllers/drivers
Rev. 04-4 March 2008
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
LCD drivers
Rev. 3 - 6 May 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com