Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 5Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 6Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 7Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 8Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 9Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 10Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 11Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 12Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
9 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
8.4.1 Programming ranges
Possible values for VA and VB are between 0 to 63.
Remarks:
• Values producing more than 6.5 V at operating temperature are not allowed.
Operation above this voltage may damage the device. When programming the
operating voltage the temperature coefficient of VLCDOUT must be taken into account.
• Values below 2.2 V are below the specified operating range of the chip and are
therefore not allowed.
When the LCD supply voltage is generated on-chip, the VLCD pins should be decoupled to
VSS with a suitable capacitor. The generated VLCDOUT is independent of VDD and is
temperature compensated.
In Equation 2 the internal charge pump is not considered. However, if the supplied voltage
to VDD2 and VDD3 is below the required VLCD it is necessary to use the internal charge
pump. The multiplication factor has to be set such, that VDD2 and VDD3 (which are equal)
multiplied with the programmed multiplication factor exceeds the required VLCD under all
circumstances (i.e. at low temperatures and along with the temperature compensation -
Table 5.
Values of VA and VB and the corresponding VLCD values
All values at Tref =27 °C; allowed values are highlighted.
Integer values
of VA and VB
Corresponding
value of VLCD in V
Integer values
of VA and VB
Corresponding
value of VLCD in V
Integer values
of VA and VB
Corresponding
value of VLCD in V
0
VLCD switched off
22
3.58
44
5.34
1
1.90
23
3.66
45
5.42
2
1.98
24
3.74
46
5.50
3
2.06
25
3.82
47
5.58
4
2.14
26
3.90
48
5.66
5
2.22
27
3.98
49
5.74
6
2.30
28
4.06
50
5.82
7
2.38
29
4.14
51
5.90
8
2.46
30
4.22
52
5.98
9
2.54
31
4.30
53
6.06
10
2.62
32
4.38
54
6.14
11
2.70
33
4.46
55
6.22
12
2.78
34
4.54
56
6.30
13
2.86
35
4.62
57
6.38
14
2.94
36
4.70
58
6.46
15
3.02
37
4.78
59
6.54
16
3.10
38
4.86
60
6.62
17
3.18
39
4.94
61
6.70
18
3.26
40
5.02
62
6.78
19
3.34
41
5.10
63
6.86
20
3.42
42
5.18
21
3.50
43
5.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com