Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 46Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 47Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 48Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 49Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 50Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 51Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 52Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 53Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
50 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
[1]
Tested on sample base.
[2]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
[3]
Cb = total capacitance of one bus line in pF.
tSU;STO
set-up time for STOP condition
0.6
-
-
µs
tSP
pulse width of spikes that must
be suppressed by the input
filter
-
-
50
ns
tBUF
bus free time between a STOP
and START condition
1.3
-
-
µs
Table 36.
Dynamic characteristics …continued
VDD1 = 1.5 V to 5.5 V; VDD2 =VDD3 = 2.2 V to 4.0 V; VSS =0V; VLCD = 2.2 V to 6.5 V; Tamb = −40 °C to +85 °C; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 34. Parallel bus write operation sequence; writing data from microcontroller to
PCF2119x
Fig 35. Parallel bus read operation sequence; writing data from PCF2119x to
microcontroller
RS
E
DB0 to DB7
VIH
VIL
VIL
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIL
tcy(en)
tsu(A)
tw(en)
th(A)
th(A)
th(D)
tsu(D)
valid data
mbk474
R/W
RS
E
DB0 to DB7
VIH
VIH
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
VIL
tcy(en)
tsu(A)
tw(en)
th(A)
th(A)
th(D)
td(DV)
mbk475
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com