Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 70Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 71Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 72Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 73Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 74Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 75Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 76Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 77Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
74 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
19. Packing information
For dimensions see Table 47.
Fig 50. Tray details
Table 47.
Tray dimensions
Dimension
Description
Value
A
pocket pitch x direction
10.16 mm
B
pocket pitch y direction
4.45 mm
C
pocket width x direction
7.74 mm
D
pocket width y direction
1.91 mm
E
tray width x direction
50.8 mm
F
tray width y direction
50.8 mm
x
pockets in x direction
4
y
pockets in y direction
10
001aai624
E
F
B
D
C
A
x.1
x
y
1.2
1.3
2.2
3.1
1.y
2.1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com