Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 32Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
29 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
The previous Set_CGRAM or Set_DDRAM command determines if data is written into
CGRAM or DDRAM. After writing, the address counter automatically increments or
decrements by 1, in accordance with the Entry_mode_set (see Section 10.2.2.3). Only bit
4 to bit 0 of CGRAM data are valid, bit 7 to bit 5 are ‘don’t care’.
10.2.2 Standard instructions (bit H = 0)
10.2.2.1
Clear_display
Clear_display: writes usually the character code 20h (blank pattern) into all DDRAM
addresses except for the character sets ‘R’ and ‘V’ where the character code 20h is not a
blank pattern.
In addition Clear_display
• sets the DDRAM address counter to logic 0
• returns the display to its original position, if it was shifted. Thus, the display
disappears and the cursor or blink position goes to the left edge of the display
• sets entry mode bit I_D = 1 (increment mode); bit S of entry mode does not change
The instruction Clear_display requires extra execution time. This may be allowed by
checking the busy flag bit BF or by waiting until the 165 clock cycles have elapsed. The
latter must be applied where no read-back options are foreseen, as in some
Chip-On-Glass (COG) applications.
Remark: When using the character sets ‘R’ or ‘V’, where the character code 20h is not the
blank pattern, the following alternative instruction set has to be used:
1. Switch display off (Display_ctl, bit D = 0).
2. Write a blank pattern into all DDRAM addresses (Write_data).
3. Switch display on (Display_ctl, bit D = 1).
10.2.2.2
Return_home
Return_home: Sets the DDRAM address counter to logic 0 and switches a shifted
display back to an unshifted state. The DDRAM content remain unchanged. The cursor or
blink position goes to the left of the first display line. Bit I_D and bit S of the
Entry_mode_set instruction remain unchanged.
Table 16.
Clear_display bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 0
-
00000001
fixed value
Table 17.
Return_home bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 0
-
00000010
fixed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com