Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 34Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 35Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 37Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 38Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 39Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 40Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 41Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
38 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
10.2.3.6
VLCD_set
The VLCD value is calculated with the Equation 2 on page 8. The multiplication factor is
programmed by instruction. Two on-chip registers (VA and VB) hold the multiplication
factor for the character mode and the icon mode, respectively. The generated VLCDOUT
value is independent of VDD, allowing battery operation of the chip.
Vx programming:
1. Send Function_set instruction with bit H = 1.
2. Send VLCD_set instruction to write to the voltage register:
a. Bit 7 = 1 and bit 6 = 0: bit 5 to bit 0 are the multiplication factor for VLCD of character
mode (VA).
b. Bit 7 = 1 and bit 6 = 1: bit 5 to bit 0 are the multiplication factor for VLCD of icon
mode (VB).
c. Bit 5 to bit 0 = 0 switches VLCD generator off (when selected).
d. During ‘display off’/power-down the VLCD generator is also disabled.
3. Send Function_set instruction with bit H = 0 to resume normal programming.
Table 32.
VLCD_set bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7
-
1
fixed value
6V
set register VA or VB
0
set register VA
1
set register VB
5 to 0
VA or VB
000000 to
111111
factor for calculating VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com