Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 2Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 3Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 4Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 5Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 6Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 7Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 8Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 9Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
6 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
[1]
Always put VDD2 =VDD3.
[2]
When the I2C-bus is used, the parallel interface pin E must be LOW.
[3]
The substrate (rear side of the die) is wired to VSS but should not be electrically connected.
[4]
On the device connected to VSS1.
[5]
When the parallel bus is used, the pins SCL and SDA must be connected to VSS1 or VDD1; they must not be
left open-circuit.
[6]
In the I2C-bus read mode, ports DB7 to DB4 and DB2 to DB0 should be connected to VDD1 or left
open-circuit.
[7]
When the 4-bit interface is used without reading out from the PCF2119x (bit R/W is set permanently to
logic 0), the unused ports DB4 to DB0 can either be set to VSS1 or VDD1 instead of leaving them
open-circuit.
R/W
158
read/write input
• pin R/W = HIGH selects the read operation
• pin R/W = LOW selects the write operation
• this pin has an internal pull-up resistor
RS
159
register select pin;
• this pin has an internal pull-up resistor
DB0 to DB2,
DB3/SA0,
DB4 to DB7
160 to 162,
163,
164 to 167
[6][7
]
8 bit bidirectional data bus (bit 0 to bit 7)
• the 8-bit bidirectional data bus (3-state) transfers data
between the microcontroller and the PCF2119x
• pin DB7 may be used as the busy flag, signalling that
internal operations are not yet completed
• 4-bit operations the 4 higher order lines DB7 to DB4 are
used, DB3 to DB0 must be left open-circuit
• data bus line DB3 has an alternative function (SA0) as the
I2C-bus address pin
• each data line has its own internal pull-up resistor
OSC
168
oscillator or external clock input
• when the on-chip oscillator is used this pin must be
connected to VDD1
Table 3.
Pin description …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com