Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 50Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 51Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 52Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 53Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 54Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 55Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 56Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 57Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
54 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
16.6 Charge pump characteristics
Typical graphs of the total power consumption of the PCF2119x using the internal charge
pump are illustrated in Figure 41, Figure 42 and Figure 43.
The graphs were obtained under the following conditions:
• Tamb = 25 °C
• VDD1 = VDD2 = VDD3 = 2.2 V (minimum), 2.7 V (typical) and 4.0 V (maximum)
• Normal mode
• fosc = internal oscillator
• multiplex drive mode 1:18
• Typical current load for ILCD = 10 µA.
For each multiplication factor there is a separate line. The line ends where it is not
possible to get a higher voltage under its conditions (a higher multiplication factor is
needed to get higher voltages).
Connecting different displays may result in different current consumption. This affects the
efficiency and the optimum multiplication factor to be used to generate a certain output
voltage.
(1) 2
× multiplication factor.
(2) 3
× multiplication factor.
(3) 4
× multiplication factor.
Fig 41. Typical charge pump characteristics (a), VDD = 2.2 V
VLCD (V)
1.25
7.25
5.75
4.25
2.75
mgw573
0
300
200
100
400
IDD
(
µA)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com