Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 48Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 49Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 50Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 51Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 52Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 53Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 54Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 55Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
52 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
16. Application information
16.1 General application information
The required minimum value for the external capacitors in an application with the
PCF2119x are: Cext from pins VLCD to VSS = 100 nF and for pins VDD to VSS = 470 nF.
Higher capacitor values are recommended for ripple reduction.
For COG applications the recommended ITO track resistance is to be minimized for the
I/O and supply connections. Optimized values for these tracks are below 50
Ω for the
supply and below 100
Ω for the I/O connections. Higher track resistance reduce
performance and increase current consumption. To avoid accidental triggering of
Power-On Reset (POR) (especially in COG applications), the supplies must be
adequately decoupled. Depending on power supply quality, VDD1 may have to be risen
above the specified minimum.
When external LCD supply voltage is supplied, VLCDOUT should be left open-circuit to
avoid any stray current, and VLCDIN must be connected to VLCDSENSE.
16.2 Power supply connections for internal VLCD generation
Decoupling capacitors are not shown in the drawings.
Fig 37. Recommended VDD connections for internal VLCD generation
Fig 38. Recommended VLCD connections for internal VLCD generation
VDD1
VDD2
VDD3
VSS1
VSS2
GND
1.5 V to 5.5 V
2.2 V to 4.0 V
013aaa114
VDD1
VDD2
VDD3
VSS1
VSS2
GND
2.2 V to 4.0 V
013aaa115
013aaa116
VSS2
VLCDIN
VLCDOUT
VLCDSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com