Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 45Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 46Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 47Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 48Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 49Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
46 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
13. Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 5 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 6 “JESD22-A115”.
[3]
Pass level; latch-up testing, according to Ref. 7 “JESD78”.
[4]
According to the NXP store and transport conditions (see Ref. 9 “SNW-SQ-623”) the devices have to be
stored at a temperature of +5
°C to +45 °C and a humidity of 25 % to 75 %.
Table 34.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD1
supply voltage 1
logic
−0.5
+6.5
V
VDD2
supply voltage 2
VLCD generator
−0.5
+4.5
V
VDD3
supply voltage 3
VLCD
LCD supply voltage
−0.5
+7.5
V
VI/O(n)
input/output voltage on any
other pin
VDD related
−0.5
VDD + 0.5
V
VLCD related
−0.5
VLCD + 0.5 V
II
input current
DC level
−10
+10
mA
IO
output current
DC level
−10
+10
mA
IDD
supply current
−50
+50
mA
ISS
ground supply current
−50
+50
mA
IDD(LCD)
LCD supply current
−50
+50
mA
Ptot
total power dissipation
-
400
mW
Po
output power
dissipation per
output
-
100
mW
VESD
electrostatic discharge voltage HBM
[1] -
±3000
V
MM
[2] -
±300
V
Ilu
latch-up current
[3] -
200
mA
Tstg
storage temperature
[4]
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com