Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 20Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 21Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 22Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
24 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
10. Registers
The PCF2119x has two 8-bit registers, an instruction register and a data register. Only
these two registers can be directly controlled by the microcontroller. Before an internal
operation, the control information is stored temporarily in these registers, to allow
interfacing to various types of microcontrollers which operate at different speeds or to
allow interface to peripheral control ICs.
The instruction set for the parallel interface is shown in Table 11 together with their
execution time. Details about the parallel interface can be found in Section 11.1.
Examples of operations on a 4-bit bus are given in Table 38, on a 8-bit bus in Table 39,
Table 40 and Table 41.
When using the I2C-bus, the instruction has to be commenced with a control byte as
shown in Table 8. Details about the I2C-bus interface can be found in Section 11.2. An
example of operations on the I2C-bus is given in Table 42.
[1]
R/W is set together with the slave address (see Figure 30).
Instructions are of 4 types, those that:
1. Designate PCF2119x functions like display format, data length, etc.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others, like read ‘busy flag’ and read ‘address counter’
In normal use, type 3 instructions are used most frequently. However, automatic
incrementing by 1 (or decrementing by 1) of internal RAM addresses after each data write
lessens the microcontroller program load. The display shift in particular can be performed
concurrently with display data write, enabling the designer to develop systems in minimum
time with maximum programming efficiency.
During internal operation, no instructions other than the BF_AC instruction will be
executed. Because the busy flag is set to logic 1 while an instruction is being executed,
check to ensure it is logic 0 before sending the next instruction or wait for the maximum
instruction execution time, as given in Table 11. An instruction sent while the busy flag is
logic 1 will not be executed.
Table 8.
Instruction set for I2C-bus commands
Control byte
Command byte
I2C-bus
command
CO
RS
000000DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 [1]
Table 9.
Control byte bit description
Bit
Symbol
Value
Description
7
CO
0
last control byte
1
another control byte follows after data/command
6
RS
0
instruction register selected
1
data register selected
4 to 0
-
0
default logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com