Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
27 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
10.2.1 Basic instructions (bit H = 0 or 1)
10.2.1.1
Function_set
[1]
When 4-bit width is selected, data is transmitted in two cycles using the parallel-bus. In a 4-bit application
ports DB3 to DB0 should be left open-circuit (internal pull-ups).
[2]
Default value after power-on in I2C-bus mode.
[3]
No impact if SL = 1.
[4]
Due to the internal pull-ups on DB3 to DB0 in a 4-bit application, the first Function_set after power-on sets
bits M, SL and H to logic 1. A second Function_set must be sent to set bits M, SL and H to the required
values.
[5]
Independent of bit M and bit L of the Screen_conf instruction (see Section 10.2.3.1). Only row 1 to row 8
and row 17 are used. All other rows must be left open-circuit. The DDRAM map is the same as in the 2
× 16
character display mode, however, the second line cannot be displayed.
10.2.1.2
BF_AC instructions
[1]
It is recommended that the BF status is checked before the next write operation is started.
Table 12.
Function_set bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 5
-
001
fixed value
4DL
interface data length (for parallel mode only)
0
[1]
2
× 4 bits (DB7 to DB4)
1
[2]
8 bits (DB7 to DB0)
3
-
0
unused
2M
[3] number of display lines
0
1 line
× 32 characters
1
[4]
2 line
× 16 characters
1SL
multiplex mode
0
1:18 multiplex drive mode, 1
× 32 or 2 × 16
character display
1
[4][5]
1:9 multiplex drive mode, 1
× 16 character display
0H
instruction set control
0
basic instruction set plus standard instruction set
1
[4]
basic instruction set plus extended instruction set
Table 13.
BF_AC bit
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
1
7BF
[1] read busy flag
0
next instruction will be executed
1
internal operation is in progress;
next instruction will not be executed until BF = 0
6 to 0
AC
0000000 to
1111111
read address counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com