Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 32Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 33Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 34Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 35Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
33 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
10.2.3 Extended instructions (bit H = 1)
10.2.3.1
Screen_conf
Screen_conf:
• If bit L = 0, then the two halves of a split screen are connected in a standard way i.e.
column 1/81, 2/82 to 80/160.
• If bit L = 1, then the two halves of a split screen are connected in a mirrored way i.e.
column 1/160, 2/159 to 80/81. This allows single layer PCB or glass layout.
10.2.3.2
Disp_conf
Bit P: The P bit is used to flip the display left to right by mirroring the column data, as
shown in Figure 18. This allows the display to be viewed from behind instead of front and
enhances the flexibility in the assembly of equipment and avoids complicated data
manipulation within the controller.
Table 23.
Screen_conf bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 1
0000001
fixed value
0L
screen configuration
0
split screen standard connection
1
split screen mirrored connection
Table 24.
Disp_conf bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 2
000001
fixed value
1P
display column configuration
0
column data: left to right;
column data is displayed from column 1 to column
80
1
column data: right to left;
column data is displayed from column 80 to
column 1
0Q
display row configuration
0
row data: top to bottom;
row data is displayed from row 1 to row 16 and
icon row data in row 17 and row 18
in single line mode (SL = 1) row data is displayed
from row 1 to row 8 and icon row data in row 17
1
row data: bottom to top;
row data is displayed from row 16 to row 1 and
icon row data in row 18 and row 17
in single line mode (SL = 1) row data is displayed
from row 8 to row 1 and icon row data in row 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com