Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 39Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 40Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 41Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 45Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 46Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
43 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
• Arbitration: procedure to ensure that if more than one master simultaneously tries to
control the bus, only one is allowed to do so and the message is not corrupted.
• Synchronization: procedure to synchronize the clock signals of two or more devices.
Fig 31. Master transmits to slave receiver; write mode
mgk899
S
A
0
S
P
011101
0A
slave address
CONTROL BYTE A
1
Co
DATA BYTE
A
CONTROL BYTE A
R/W
0
Co
update
data pointer
1 byte
n
≥ 0 bytes
2n
≥ 0 bytes
DATA BYTE
A
acknowledgement
from PCF2119x
RS
RS
Last data byte is a dummy byte (may be omitted).
Fig 32. Master reads after setting word address; writes word address, set RS; Read_data
mgg003
S
A
0
S 011101
0 A
slave address
CONTROL BYTE A
1
Co
DATA BYTE
A
CONTROL BYTE A
R/W
0
Co
Co
update
data pointer
update
data pointer
1 byte
n
≥ 0 bytes
n bytes
last byte
2n
≥ 0 bytes
DATA BYTE(1)
A
acknowledgement
S
A
0
S
1A
DATA BYTE
A
1
P
SLAVE
ADDRESS
DATA BYTE
acknowledgement
acknowledgement
no acknowledgement
R/W
RS
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com