Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 32Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 33Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 34Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 35Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 37Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 38Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
35 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
10.2.3.3
Icon_ctl
The PCF2119x can drive up to 160 icons. See Figure 21 and Figure 22 for CGRAM to
icon mapping.
Bit IM: When bit IM = 0, the chip is in character mode. In the character mode characters
and icons are driven (multiplex drive mode 1:18 or 1:9). The VLCD generator, if used,
produces the VLCDOUT voltage programmed with register VA.
When bit IM = 1, the chip is in icon mode. In the icon mode only the icons are driven
(multiplex drive mode 1:2). The VLCD generator, if used, produces the VLCDOUT voltage as
programmed with register VB.
Bit IB: Icon blink control is independent of the cursor/character blink function.
When bit IB = 0, the icon blink is disabled. Icon data is stored in CGRAM character 0 to 3
(4
× 8 × 5 = 160 bits for 160 icons).
When bit IB = 1, the icon blink is enabled. In this case each icon is controlled by two bits.
Blink consists of two half phases (corresponding to the cursor on and off phases called
even and odd phases hereafter).
Icon states for the even phase are stored in CGRAM characters 0 to 3
(4
× 8 × 5 = 160 bits for 160 icons). These bits also define icon state when icon blink is not
used (see Table 27).
Icon states for the odd phase are stored in CGRAM character 4 to 7 (another 160 bits for
the 160 icons). When icon blink is disabled CGRAM characters 4 to 7 may be used as
normal CGRAM characters.
Table 25.
Icon_ctl bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 3
-
00001
fixed value
2IM
icon mode
0
character mode, full display
1
icon mode, only icons displayed
1IB
icon blink
0
icon blink disabled
1
icon blink enabled
0DM
direct mode
0
off
1on
Table 26.
Normal/icon mode operation
Bit IM
Mode
VLCDOUT
0
character mode
generated from VA
1
icon mode
generated from VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com