Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 10Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 11Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 12Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 13Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 14Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 15Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 16Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 17Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
14 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
9.
Display data RAM and ROM
9.1 DDRAM
The Display Data RAM (DDRAM) stores up to 80 characters of display data represented
by 8-bit character codes. RAM locations which are not used for storing display data can be
used as general purpose RAM.
The basic RAM to display addressing scheme is shown in Figure 6, Figure 7 and Figure 8.
With no display shift the characters represented by the codes in the first 32 RAM locations
starting at address 00h are displayed in line 1.
All addresses are shown in hex.
Fig 6.
DDRAM to display mapping: no shift
All addresses are shown in hex.
Fig 7.
DDRAM to display mapping: right shift
00 01 02 03 04
1D 1E 1F 20 21
4C 4D 4E 4F
non-displayed DDRAM addresses
64 65 66 67
40 41 42 43 44
4D 4E 4F 50 51
00 01 02 03 04
0D 0E 0F 10 11
24 25 26 27
non-displayed DDRAM address
line 1
line 2
mgk892
DDRAM
address
2-line display/MUX 1 : 9 mode
12345
30 31 32
12345
14 15 16
12345
14 15 16
display
position
DDRAM
address
1-line display
mgl536
27 00 01 02 03
67 40 41 42 43
0C 0D 0E
4C 4D 4E
DDRAM
address
line 1
line 2
2-line display/MUX 1 : 9 mode
1
2
3
4
5
14 15 16
1
2
3
4
5
14 15 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com