Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 33Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 34Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 35Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 37Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 38Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 39Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 40Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
37 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Remark: In direct mode, no external VLCD is possible.
The direct mode can be used to reduce the current consumption when the required output
voltage VLCDOUT is close to the VDD2 supply voltage. This can be the case in icon mode or
in MUX 1:9 (depending on LCD liquid properties).
10.2.3.4
Temp_ctl
The bit-field TC[1:0] selects the temperature coefficient for the internally generated
VLCDOUT (see Table 29).
10.2.3.5
HV_gen
A software configurable voltage multiplier is incorporated in the VLCD generator and can
be set via the HV_gen command. The voltage multiplier control can be used to reduce
current consumption by disconnecting internal voltage multiplier stages, depending on the
required VLCDOUT output voltage (see Table 31).
Table 28.
Temp_ctl bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 2
-
000100
1 to 0
TC[1:0]
00 to 11
temperature coefficient
Table 29.
TC[1:0] selection of VLCD temperature coefficient
TC[1:0]
Typical value
Description
00
−0.16 %/K
VLCD temperature coefficient 0 (default value)
10
−0.18 %/K
VLCD temperature coefficient 1
01
−0.21 %/K
VLCD temperature coefficient 2
11
−0.24 %/K
VLCD temperature coefficient 3
Table 30.
HV_gen bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 2
-
010000
fixed value
1 to 0
S[1:0]
00 to 11
voltage multiplier
Table 31.
Voltage multiplier control bits
S[1:0]
Description
00
set VLCD generator stages to 1 (2 × voltage multiplier)
01
set VLCD generator stages to 2 (3 × voltage multiplier)
10
set VLCD generator stages to 3 (4 × voltage multiplier)
11
do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com