Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
28 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Busy flag: The busy flag indicates the internal status of the PCF2119x. A logic 1
indicates that the chip is busy and further instructions will not be accepted. The busy flag
is output to pin DB7 when bit RS = 0 and bit R/W = 1. Instructions should only be started
after checking that the busy flag is at logic 0 or after waiting for the required number of
cycles.
Address counter: The address counter is used by both CGRAM and DDRAM, and its
value is determined by the previous Set_CGRAM and Set_DDRAM instruction. After a
read/write operation the address counter is automatically incremented or decremented
by 1. The address counter value is output to the bus (DB6 to DB0) when bit RS = 0 and bit
R/W=1.
10.2.1.3
Read_data
Read_data from CGRAM or DDRAM: Read_data reads binary 8-bit data from the
CGRAM or DDRAM. The most recent ‘set address’ command (Set_CGRAM or
Set_DDRAM) determines whether the CGRAM or DDRAM is to be read.
The Read_data instruction gates the content of the data register to the bus while pin E is
HIGH. After pin E goes LOW again, internal operation increments (or decrements) the
address counter and stores RAM data corresponding to the new address counter into the
data register.
There are only three instructions that update the data register:
• Set_CGRAM
• Set_DDRAM
• Read_data from CGRAM or DDRAM
Other instructions (e.g. Write_data, Curs_disp_shift, Clear_display and Return_home) do
not modify the value of the data register.
10.2.1.4
Write_data
Write_data to CGRAM or DDRAM: Write_data writes binary 8-bit data to the CGRAM or
the DDRAM.
Table 14.
Read_data bit description
Bit
Symbol
Value
Description
RS
-
1
see Table 10
R/W-
1
7 to 0
READ_DATA
00000000 to
11111111
read data from CGRAM or DDRAM
Table 15.
Write_data bit description
Bit
Symbol
Value
Description
RS
-
1
see Table 10
R/W-
0
7 to 0
WRITE_DATA 00000000 to
11111111
write data to CGRAM or DDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com