Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2119AU/2DA/2 Datasheet HTML 1Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 2Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 3Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 4Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 5Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 6Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 7Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 8Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
5 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
7.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
VDD1
1 to 6
supply voltage 1 (logic)
VDD2
7 to 14
[1] supply voltage 2 (for high voltage generator)
VDD3
15 to 18
[1] supply voltage 3 (for high voltage generator)
E19
[2] data bus clock input
• set HIGH to signal the start of a read or write operation
• data is clocked in or out of the chip on the negative edge
of the clock
T1 and T2
20 and 21
test pins
• must be connected to VSS1
VSS1
22 to 29
[3] ground supply voltage 1
• for all circuits, except of high voltage generator
VSS2
30 to 35
[3] ground supply voltage 2
• for high voltage generator
VLCDSENSE
36
input for voltage multiplier regulation circuitry and for the bias
level generation
• if VLCD is generated internally then this pin must be
connected to VLCDOUT and VLCDIN
• if VLCD is generated externally then this pin must be
connected to VLCDIN only
VLCDOUT
37 to 43
VLCD output
• if VLCD is generated internally then this pin must be
connected to VLCDIN and to VLCDSENSE
• if VLCD is generated externally then this pin must be left
open-circuit
VLCDIN
44 to 49
input for LCD bias level generator
dummy
50
[4] -
R8 to R1,
R17,
R17DUP,
R18,
R9 to R16
51 to 58,
59,
100
141,
142 to 149
LCD row driver output
• R17 has two pins: R17 and R17DUP
• R17 and R18 drive the icons
C80 to C41,
C40 to C1
60 to 99,
101 to 140
LCD column driver output
dummy
150
[4] -
SCL
151 and 152
[5] I2C-bus serial clock input
T3
153
test pin
• open-circuit
• not user accessible
POR
154
external Power-On Reset (POR) input
PD
155
power-down mode select
• for normal operation pin PD must be LOW
SDA
156 and 157
[5] I2C-bus serial data input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com