Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 6Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 7Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 8Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 9Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 10Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 11Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 12Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 13Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
10 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
see Section 10.2.3.4). If still a higher multiplication factor is chosen, VLCD will not increase
(it is set by Equation 2) but the current that can be delivered will be higher. Also current
consumption increases (see Section 16.6).
When the VLCD generator and the direct mode are switched off, an external voltage may
be supplied at connected pins VLCDIN and VLCDOUT.VLCDIN and VLCDOUT may be higher or
lower than VDD2.
In direct mode (see Icon_ctl instruction, Section 10.2.3.3) the internal VLCD generator is
turned off and the VLCDOUT output voltage is directly connected to VDD2. This reduces the
current consumption depending on VDD2 value and LCD liquid properties.
The VLCD generator ensures that, as long as VDD is in the valid range (2.2 V to 4 V), the
required peak voltage VLCD = 6.5 V can be generated at any time.
8.5 LCD bias voltage generator
The intermediate bias voltages for the LCD display are also generated on-chip. This
removes the need for an external resistive bias chain and significantly reduces the system
current consumption. The optimum value of VLCD depends on the multiplex rate, the LCD
threshold voltage (Vth) and the number of bias levels. Using a 5-level bias scheme for the
1:18 multiplex rate allows VLCD < 5 V for most LCD liquids.
The intermediate bias levels for the different multiplex rates are shown in Table 6. These
bias levels are automatically set to the given values when switching to the corresponding
multiplex rate.
8.6 LCD row and column drivers
The PCF2119x contains 18 row and 80 column drivers, which drive the appropriate LCD
bias voltages in sequence to the display in accordance with the data to be displayed. R17
and R18 drive the icon rows. Unused outputs should be left open.
The bias voltages and the timing are selected automatically when the number of lines in
the display is selected. Figure 3 to Figure 5 show typical waveforms.
Table 6.
Bias levels as a function of multiplex rate
Multiplex
rate
Number of
bias levels
Bias voltages
V1
V2
V3
V4
V5
V6
1:18
5
VLCD
VSS
1:9
5
VLCD
VSS
1:2
4
VLCD
VSS
3
4
--- V
LCD
V
SS
–
()
1
2
--- V
LCD
V
SS
–
()
1
2
--- V
LCD
V
SS
–
()
1
4
--- V
LCD
V
SS
–
()
3
4
--- V
LCD
V
SS
–
()
1
2
--- V
LCD
V
SS
–
()
1
2
--- V
LCD
V
SS
–
()
1
4
--- V
LCD
V
SS
–
()
2
3
--- V
LCD
V
SS
–
()
2
3
--- V
LCD
V
SS
–
()
1
3
--- V
LCD
V
SS
–
()
1
3
--- V
LCD
V
SS
–
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com