Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 45Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 46Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 47Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 48Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 49Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 50Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
47 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
14. Static characteristics
Table 35.
Static characteristics
VDD1 = 1.5 V to 5.5 V; VDD2 =VDD3 = 2.2 V to 4.0 V; VSS =0V;VLCD = 2.2 V to 6.5 V; Tamb = −40 °C to +85 °C;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD1
supply voltage 1
logic
1.5
-
5.5
V
VDD2
supply voltage 2
internal VLCD generation;
VLCD >VDD2 =VDD3
2.2
-
4.0
V
VDD3
supply voltage 3
VLCD
LCD supply voltage
2.2
-
6.5
V
Ground supply current using external VLCD[1]
ISS
ground supply current
-
70
120
µA
VDD =3V; VLCD =5V
[2] -35
80
µA
icon mode; VDD =3V;
VLCD = 2.5 V
[2] -25
45
µA
power-down mode; VDD =3V;
VLCD = 2.5 V;
DB7 to DB0, RS and R/W=1;
OSC = 0; PD = 1
-
0.5
5
µA
Ground supply current using internal VLCD[1][3]
ISS
ground supply current
-
190
400
µA
VDD =3V; VLCD =5V
[2] -
135
400
µA
icon mode; VDD = 2.5 V;
VLCD = 2.5 V
[2] -85
-
µA
Logic
VIL
LOW-level input voltage
VSS1
-
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
-VDD1
V
Oscillator input; pin OSC
VIL
LOW-level input voltage
VSS1
-VDD1 − 1.
2
V
VIH
HIGH-level input voltage
VDD1 − 0.
1
-VDD1
V
Data bus; pins DB7 to DB0
IOL
LOW-level output current VOL = 0.4 V; VDD1 = 5 V
1.6
4
-
mA
IOH
HIGH-level output
current
VOH =4V; VDD1 =5V
−1
−8-
mA
Ipu
pull-up current
VI =VSS1
0.04
0.15
1
µA
IL
leakage current
VI =VDD1, 2, 3 or VSS1, 2
−1-
+1
µA
I2C-bus; pins SDA and SCL
Inputs: pins SDA and SCL
VIL
LOW-level input voltage
0
-
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
-
5.5
V
ILI
input leakage current
VI =VDD1, 2, 3 or VSS1, 2
−1-
+1
µA
Ci
input capacitance
-
5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com