Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 4Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 5Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 6Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 7Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 8Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 9Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 10Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 11Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
8 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
[1]
The Busy Flag (BF) indicates the busy state (bit BF = 1) until initialization ends. The busy state lasts 2 ms. The chip may also be
initialized by software (see Table 43 and Table 44).
8.3 Power-down mode
The chip can be put into power-down mode by applying a HIGH-level to pin PD. In
power-down mode all static currents are switched off (no internal oscillator, no bias level
generation and all LCD outputs are internally connected to VSS).
During power-down, information in the RAMs and the chip state are preserved. Instruction
execution during power-down is possible when pin OSC is externally clocked.
8.4 LCD supply voltage generator
The LCD supply voltage may be generated on-chip. The VLCD generator is controlled by
two internal 6-bit registers: VA and VB. Register VA is programmed with the voltage for
character mode and register VB with the voltage for icon mode.
The nominal LCD operating voltage at room temperature is given by Equation 2:
(2)
Where Vx is the integer value of the register VA or VB.
It should be noted that VLCD is sometimes referred as the LCD operating voltage (Voper).
Table 4.
State after reset
Step Function
Control bit and
register state
Description
Reference
1
Clear_display
Table 16
2
Entry_mode_set
bit I_D = 1
incremental cursor move direction
Table 18
bit S = 0
no display shift
3
Display_ctl
bit D = 0
display off
Table 19
bit C = 0
cursor off
bit B = 0
cursor character blink off
4
Function_set
bit DL = 1
8-bit interface
Table 12
bit M = 0
1-line display
bit SL = 0
1:18 multiplex drive mode
bit H = 0
normal instruction set
5
default address pointer to DDRAM [1]
Table 22
6
Icon_ctl
bit IM = 0
character mode, full display
Table 25
bit IB = 0
icon blink disabled
7
Screen_conf
bit L = 0
default configuration
Table 23
Disp_conf
bit P = 0; bit Q = 0
default configurations
Table 24
8
Temp_ctl
bit TC1 = 0; bit TC2 = 0 default temperature coefficient
Table 28
9
VLCD_set
register VA =0;
register VB =0
VLCD generator off
Table 32
10
I2C-bus interface reset
11
HV_gen
bit S1 = 1; bit S0 = 0
VLCD generator set to 3 internal stages
(4 voltage multipliers)
Table 30
V
LCD nom
()
V
x
0.08
1.82
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com