Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119AU/2DA/2 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF2119AU/2DA/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119AU/2DA/2 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF2119AU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 32Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 33Page - NXP Semiconductors PCF2119AU/2DA/2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
30 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
10.2.2.3
Entry_mode_set
Bit I_D: When bit I_D = 1 the DDRAM or CGRAM address increments by 1 when data is
written into or read from the DDRAM or CGRAM. The cursor or blink position moves to the
right.
When bit I_D = 0 the DDRAM or CGRAM address decrements by 1 when data is written
into or read from the DDRAM or CGRAM. The cursor or blink position moves to the left.
The cursor underline and cursor character blink are inhibited when the CGRAM is
accessed.
Bit S: When bit S = 0, the display does not shift.
During DDRAM write, when bit S = 1 and bit I_D = 0, the entire display shifts to the right;
when bit S = 1 and bit I_D = 1, the entire display shifts to the left.
Thus it appears as if the cursor stands still and the display moves. The display does not
shift when reading from the DDRAM, or when writing to or reading from the CGRAM.
10.2.2.4
Display_ctl instructions
Table 18.
Entry_mode_set bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 2
-
000001
fixed value
1
I_D
address increment or decrement
0
DDRAM or CGRAM address decrements by 1,
cursor moves to the left
1
DDRAM or CGRAM address increments by 1,
cursor moves to the right
0S
shift display to the left or right
0
display does not shift
1
display shifts
Table 19.
Display_ctl bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 3
00001
fixed value
2D
display on or off
0
display is off; chip is in power-down mode
1
display is on
1C
cursor on or off
0
cursor is off
1
cursor is on
0B
character blink on or off
0
character blink is off
1
character blink is on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com