Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet (PDF) - ams AG

AS1344 Datasheet PDF - ams AG
Part # AS1344
Download  AS1344 Download
File Size   1808.78 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 42V, DC-DC Boost Converter with adjustable Softstart

AS1344 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1344 Datasheet PDF - ams AG

Part # AS1344
Download  AS1344 Click to download

File Size   1808.78 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 42V, DC-DC Boost Converter with adjustable Softstart

AS1344 Datasheet (HTML) - ams AG




Similar Part No. - AS1344

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
logo
ams-OSRAM AG
AS1340 AMSOSRAM-AS1340 Datasheet
792Kb / 18P
50V, Micropower, DC-DC Boost Converter
Revision 1.20
logo
ams AG
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
More results


Similar Description - AS1344

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
logo
ams AG
AS1343 AMSCO-AS1343 Datasheet
1Mb / 17P
42V, 1-2 Cells, Micropower, DC-DC Boost Converter
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
AUGUST 2004
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
AUGUST 2004
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Maxim Integrated Produc...
MAX15462C12EVKIT MAXIM-MAX15462C12EVKIT Datasheet
1Mb / 8P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462BEVKIT MAXIM-MAX15462BEVKIT Datasheet
786Kb / 8P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462AEVKIT MAXIM-MAX15462AEVKIT Datasheet
735Kb / 9P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com