Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 6 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 6 Page - ams AG

Back Button AS1344 Datasheet HTML 2Page - ams AG AS1344 Datasheet HTML 3Page - ams AG AS1344 Datasheet HTML 4Page - ams AG AS1344 Datasheet HTML 5Page - ams AG AS1344 Datasheet HTML 6Page - ams AG AS1344 Datasheet HTML 7Page - ams AG AS1344 Datasheet HTML 8Page - ams AG AS1344 Datasheet HTML 9Page - ams AG AS1344 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
6 - 19
AS1344
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Output Voltage vs. Temperature;
VOUT=18V
Figure 10. Output voltage vs. Input Voltage;
VOUT=12V, (line regulation)
17.8
17.9
18
18.1
18.2
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
no l oad
Iout =10mA
Iout =20mA
Iout =50mA
11
11.5
12
12.5
13
0.9
1.2
1.5 1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)
Iout =1mA
Iout =10mA
Iout =50mA
Iout =100mA
Figure 11. Output Voltage vs. Load Current;
VOUT=12V, VIN=1.5V, (load regualtion)
Figure 12. Maximum Output current vs. Input Voltage;
VOUT = 12, 15, 18, 24, 36V; (90% Voutnom)
11.5
11.6
11.7
11.8
11.9
12
12.1
12.2
12.3
12.4
12.5
010
20
30
Output Current (mA)
0
100
200
300
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)
Vout =12V
Vout =15V
Vout =18V
Vout =24V
Vout =36V
Figure 13. Maximum Output current vs. VOUT;
VCC = 1.5V, 3V
Figure 14. Start-Up Voltage vs. Output Current;
VCC = 0.9V to 3.6V, (95% Voutnom)
0
100
200
300
400
5
152535
45
Output Voltage (V)
Vi n =1.5V
Vi n =3V
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
0
10
2030
405060
7080
90 100
Output Current (mA)
Vout = 5.5V
Vout = 12V
Vout = 15V
Vout = 18V
Vout = 24V
Vout = 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com