Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 2 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 2 Page - ams AG

  AS1344 Datasheet HTML 1Page - ams AG AS1344 Datasheet HTML 2Page - ams AG AS1344 Datasheet HTML 3Page - ams AG AS1344 Datasheet HTML 4Page - ams AG AS1344 Datasheet HTML 5Page - ams AG AS1344 Datasheet HTML 6Page - ams AG AS1344 Datasheet HTML 7Page - ams AG AS1344 Datasheet HTML 8Page - ams AG AS1344 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
2 - 19
AS1344
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1EN
Active-High Enable Input. A logic low on this pin shuts down the device and
reduces the supply current to 0.1µA.
GND: device in shutdown.
VCC : normal operation.
2POK
Power-OK.
0: VOUT < 90% of VOUTNOM.
1: VOUT > 90% of VOUTNOM.
3GND
Ground
4VCC
+0.9V to +3.6V Supply Voltage. Bypass this pin to GND with a
≥10µF capacitor.
5PGND
Ground. Should be the starpoint of CIN and COUT.
6LX
Inductor. The drain of the internal N-channel MOSFET.
Note: This pin is high impedance in shutdown.
7SWOUT
Shutdown Disconnect Switch Out. Disconnects the input from the output during
shutdown.
8VIN
Supply Connection. Connect a resistor between pin VIN and pin VCC for limiting
the input current during startup.
9VOUT
+5.5 to +42V Output Voltage. This pin also powers the AS1344 after startup.
Bypass this pin to GND with a
≥4.7µF capacitor.
10
FB
Feedback Pin. Feedback input to the gm error amplifier. Connect a resistor divider
tap to this pin. The output voltage can be adjusted from 5.5V to 42V by:
VOUT = 1.25V[1 + (R1/R2)]
7 SWOUT
3
GND
2
POK
1
EN
10 FB
AS1344
4
VCC
9VOUT
8VIN
6LX
5
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com