Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 5 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 5 Page - ams AG

  AS1344 Datasheet HTML 1Page - ams AG AS1344 Datasheet HTML 2Page - ams AG AS1344 Datasheet HTML 3Page - ams AG AS1344 Datasheet HTML 4Page - ams AG AS1344 Datasheet HTML 5Page - ams AG AS1344 Datasheet HTML 6Page - ams AG AS1344 Datasheet HTML 7Page - ams AG AS1344 Datasheet HTML 8Page - ams AG AS1344 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
5 - 19
AS1344
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Parts used for measurments: 6.8µH (MOS6020-682) Inductor, 10µF (GRM21BR60J106KE19) CIN and 4.7µF
(GRM32ER71H475KA88) COUT, (PMEG4010BEA) D1;
Figure 3. Efficiency vs. Output Current; VOUT = 6V
Figure 4. Efficiency vs. Output Current; VOUT = 12V
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vin = 2.0V
Vin = 2.5V
Vin = 3.0V
Vin = 3.3V
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vin = 2.0V
Vin = 2.5V
Vin = 3.0V
Vin = 3.3V
Figure 5. Efficiency vs. Output Current; VOUT = 18V
Figure 6. Efficiency vs. Output Current; VOUT = 24V
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vin = 2.5V
Vin = 3.0V
Vin = 3.3V
0
10
20
30
40
50
60
70
80
0.1
1
10
100
Output Current (mA)
Vin = 2.5V
Vin = 3.0V
Vin = 3.3V
Figure 7. Efficiency vs. Input Voltage; VOUT = 12V
Figure 8. Efficiency vs. Input Voltage; IOUT = 10mA
30
40
50
60
70
80
90
100
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)
Iout = 10mA
Iout = 50mA
Iout = 100mA
30
40
50
60
70
80
90
100
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)
Vout = 5.5V
Vout = 10V
Vout = 12V
Vout = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com