Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 7 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 7 Page - ams AG

Back Button AS1344 Datasheet HTML 3Page - ams AG AS1344 Datasheet HTML 4Page - ams AG AS1344 Datasheet HTML 5Page - ams AG AS1344 Datasheet HTML 6Page - ams AG AS1344 Datasheet HTML 7Page - ams AG AS1344 Datasheet HTML 8Page - ams AG AS1344 Datasheet HTML 9Page - ams AG AS1344 Datasheet HTML 10Page - ams AG AS1344 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
7 - 19
AS1344
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 15. Shutdown Current vs. Input Voltage
Figure 16. Shutdown Current vs. Temperature
0
0.005
0.01
0.015
0.02
0.025
0.9 1.2 1.5 1.8 2.1
2.4 2.7
3
3.3 3.6
Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
-45 -30
-15
0
15
30
45
60
75
90
Temperature (°C)
Figure 17. Switching Frequency vs. Temperature
Figure 18. Feedback Voltage vs. Temperature
0.9
0.95
1
1.05
1.1
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
1.2
1.225
1.25
1.275
1.3
-45 -30 -15
0
15
30
45
60
75
90
Temperature (C°)
Figure 19. Quiescent Current vs. Input Voltage
20
20.5
21
21.5
22
0.9
1.2
1.5 1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com