Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 12 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 12 Page - ams AG

Back Button AS1344 Datasheet HTML 8Page - ams AG AS1344 Datasheet HTML 9Page - ams AG AS1344 Datasheet HTML 10Page - ams AG AS1344 Datasheet HTML 11Page - ams AG AS1344 Datasheet HTML 12Page - ams AG AS1344 Datasheet HTML 13Page - ams AG AS1344 Datasheet HTML 14Page - ams AG AS1344 Datasheet HTML 15Page - ams AG AS1344 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
12 - 19
AS1344
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Thermal Protection
To protect the device from short circuit or excessive power dissipation of the auxiliary NPNs, the integrated thermal
protection switches off the device when the junction temperature (TJ) reaches 140ºC (typ). When TJ decreases to
approximately 135ºC, the device will resume normal operation. If the thermal overload condition is not corrected, the
device will switch on and off while maintaining TJ within the range between 135 and 140ºC.
Setting Output Voltage
Output voltage can be adjusted by connecting a voltage divider between pins
VOUT and FB (see Figure 35).
Figure 35. Typical Application
The output voltage can adjusted by selecting different values for R1 and R2. For R2, select a value between 10k and
200k
Ω.
Calculate R1 by:
Where:
VOUT = 5.5V to 42V, VFB = 1.25V; VOUT > VIN
The input bias current of FB has a maximum value of 100nA which allows for large-value resistors. For less than 1%
error, the current through R2 should be 100 times the feedback input bias current (IFB). That’s why the feeback current
can be neglected in the calculation of VOUT.
Note:
For the optimal operation condition the following ratio between VOUT and VIN should be used:
1
EN
3
GND
4
VCC
10
FB
6
LX
On
Off
R1
2.2M
Ω
VOUT = 18V
AS1344
L1
6.8µH
C1
10µF
VCC = 0.9V
to 3.6V
D1
COUT
4.7µF
R2
165k
Ω
7
SWOUT
5
PGND
9
VOUT
2
POK
R3
100k
Ω
8
VIN
RV
(EQ 2)
R1
R2
VOUT
VFB
--------------
1
–
⎝⎠
⎛⎞
⋅
=
(EQ 3)
VOUT
VIN
÷
12
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com