Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 16 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 16 Page - ams AG

Back Button AS1344 Datasheet HTML 11Page - ams AG AS1344 Datasheet HTML 12Page - ams AG AS1344 Datasheet HTML 13Page - ams AG AS1344 Datasheet HTML 14Page - ams AG AS1344 Datasheet HTML 15Page - ams AG AS1344 Datasheet HTML 16Page - ams AG AS1344 Datasheet HTML 17Page - ams AG AS1344 Datasheet HTML 18Page - ams AG AS1344 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
16 - 19
AS1344
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Diode Selection
A Schottky diode must be used to carry the output current into the Cout and load during the NMOS switch-off time.
Note:
Do not use ordinary rectifier diodes, since the slow recovery times will compromise efficiency.
The MBR0520 is a good choice because of the very low forward voltage and the extremely fast switching. If the output
voltage exceeds 20V the use of the PMEG4005 or the MBR0540 (40V Schottky diodes) is recommended. These
diodes are designed to handle an average forward current of 500mA. In applications with higher loads, the PMEG4010
or the MBRM140 should be used, due to the rated average forward current of 1A.
Table 8. Recommended Diodes
Part Number
Reverse Voltage
Forward Current
Package
Manufacturer
MBR0540
40V
0.5A
SOD123
MCC
www.mccsemi.com
MBR0520
20V
0.5A
SOD123
PMEG4005
40V
0.5A
SOD123
Philips
www.nxp.com
PMEG4010
40V
1A
SOD123
MBRM140
40V
1A
SOD123
ON Semiconductor
www.onsemi.com
Figure 39. Efficiency Comparison of different Diodes;
VIN = 3V, VOUT = 18V, L1 = 6.8µH
Figure 40. Efficiency Comparison of different Diodes;
VIN = 3.6V, VOUT = 18V, L1 = 6.8µH
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (mA)
PMEG4010
MBR0540
MBR0520
PMEG4005
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (mA)
PMEG4010
MBR0540
MBR0520
PMEG4005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com