Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 11 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 11 Page - ams AG

Back Button AS1344 Datasheet HTML 7Page - ams AG AS1344 Datasheet HTML 8Page - ams AG AS1344 Datasheet HTML 9Page - ams AG AS1344 Datasheet HTML 10Page - ams AG AS1344 Datasheet HTML 11Page - ams AG AS1344 Datasheet HTML 12Page - ams AG AS1344 Datasheet HTML 13Page - ams AG AS1344 Datasheet HTML 14Page - ams AG AS1344 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
11 - 19
AS1344
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Shutdown and Output Discharge
A logic low on the EN pin shuts down the AS1344 and a logic high on the EN pin powers on the device. In shutdown
mode the supply current drops to below 3µA and the POK pin is set to high impedance to maximize battery life.
When the battery disconnect switch is used, the battery is disconnected from the output and the output is discharged
down to 0V. The time for fully discharging the output depends on the COUT and on the load.
Note:
Pin EN should not be left floating. If the shutdown feature is not used, connect EN to VCC. The output will be
discharged during shutdown but the output also must be fully discharged before the device is enabled again.
Battery Disconnect
The AS1344 has an integrated PMOS switch that can be used to disconnect the battery during shutdown. The opera-
tion voltage of this switch is limited to 3.6V. When EN is high, the switch is closed and supplies the inductor. Due to the
RON resistance the efficiency is slightly lower if the battery disconnect switch is used.
PLOSS = IIN² x
RON
(EQ 1)
Softstart Function
To limit the input current during startup a resistor RV can be connected between the pins VIN and VCC. For the corre-
lation between the resistor value, the supply voltage and the startup time see Figure 33. For the correlation between
resistor value, the supply voltage and the peak current see Figure 34. Connect VIN directly to VCC (no resistor) to dis-
able the softstart Function.
As an example some peak current and time values are listed at a given Rv in Table 4.
Table 4. Timing for Softstart @ VCC= 2.4V, COUT = 155µF,
RV [
Ω]0
1.0
1.5
2.0
2.4
3.0
IPEAK [A]
1.76
0.81
0.66
0.56
0.50
0.42
t [ms]
25
76
100
130
156
204
Figure 33. Startup Time; CIN = 150µF, COUT = 155µF
Figure 34. Peak Current; CIN = 10µF, COUT = 155µF
0
100
200
300
400
500
600
700
800
1
1.4
1.8
2.2
2.6
3
3.4
Input Voltage (V)
0 Ohm
1.0 Ohm
1.5 Ohm
2.0 Ohm
2.4 Ohm
3.0 Ohm
0
0.5
1
1.5
2
2.5
3
3.5
1
1.4
1.8
2.2
2.6
3
3.4
Input Voltage (V)
0 Ohm
1.0 Ohm
1.5 Ohm
2.0 Ohm
2.4 Ohm
3.0 Ohm
5.1 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com