Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 15 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 15 Page - ams AG

Back Button AS1344 Datasheet HTML 11Page - ams AG AS1344 Datasheet HTML 12Page - ams AG AS1344 Datasheet HTML 13Page - ams AG AS1344 Datasheet HTML 14Page - ams AG AS1344 Datasheet HTML 15Page - ams AG AS1344 Datasheet HTML 16Page - ams AG AS1344 Datasheet HTML 17Page - ams AG AS1344 Datasheet HTML 18Page - ams AG AS1344 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
15 - 19
AS1344
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Capacitor Selection
A 10µF capacitor is recommended for CIN as well as a 4.7µF for COUT. Small-sized X5R or X7R ceramic capacitors
should be used as they retain capacitance over wide ranges of voltages and temperatures.
Output Capacitor Selection
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since
they have extremely low ESR and are available in small footprints. A 4.7 to 10µF output capacitor is sufficient for most
applications. Larger values up to 22µF may be used to obtain extremely low output voltage ripple and improve tran-
sient response. The rated voltage of the capacitor should not be lower than the output voltage.
Input Capacitor Selection
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Ceramic
capacitors are recommended for input decoupling and should be located as close to the device as is practical. A 10µF
input capacitor is sufficient for most applications. Larger values may be used for a better stabilization of the supply volt-
age.
Table 6. Recommended Output Capacitors
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM32DR71H335KA88B
3.3µF
X7R
50V
1210
Murata
www.murata.com
GRM32ER71H475KA88
4.7µF
X7R
50V
1210
GRM31CR61E106KA12
10µF
X5R
25V
1206
C3225X5R1H335K
3.3µF
X5R
50V
1210
TDK
www.tdk.com
C3216X5R1E475K
4.7µF
X5R
25V
1206
C3225X5R1E106K
10µF
X5R
25V
1210
Table 7. Recommended Input Capacitors
Part Number
C
TC Code Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM21BR60J106KE19
10µF
X5R
6.3V
0805
Murata
www.murata.com
GRM188R60J106ME47
10µF
X5R
6.3V
0603
GRM21BR60J226ME39
22µF
X5R
6.3V
0805
C1608X5R0J106MB
10µF
X5R
6.3V
0603
TDK
www.tdk.com
C2012X5R0J226M
22µF
X5R
6.3V
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com