Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1344 Datasheet(PDF) 1 Page - ams AG

Part # AS1344
Description  42V, DC-DC Boost Converter with adjustable Softstart
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1344 Datasheet(HTML) 1 Page - ams AG

  AS1344 Datasheet HTML 1Page - ams AG AS1344 Datasheet HTML 2Page - ams AG AS1344 Datasheet HTML 3Page - ams AG AS1344 Datasheet HTML 4Page - ams AG AS1344 Datasheet HTML 5Page - ams AG AS1344 Datasheet HTML 6Page - ams AG AS1344 Datasheet HTML 7Page - ams AG AS1344 Datasheet HTML 8Page - ams AG AS1344 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AS1344
42V, DC-DC Boost Converter wi th adjustable Softstart
www.austriamicrosystems.com
Revision 1.05
1 - 19
Datasheet
1 General Description
The AS1344 boost converter contains a 1.4A internal
switch in a tiny TDFN-10 3x3mm package. The device
operates from a 0.9V to 3.6V supply, and can boost volt-
ages up to 42V output.
The output voltage can easily be adjusted by an external
resistor divider.
The AS1344 uses a unique control scheme providing
the highest efficiency over a wide range of load condi-
tions. An internal 1.4A MOSFET reduces external com-
ponent count, and a fixed high switching frequency
(1MHz) allows for tiny surface-mount components.
The AS1344 also features power-OK circuitry which
monitors the output voltage.
The device also offers a Softstart function which limits
the current during startup. The current during startup
can be easily adjusted with the value of RV. For RV =
0
Ω, there is no softstart.
Additionally the AS1344 features a low quiescent supply
current and a shutdown mode to save power. During
shutdown an output disconnect switch separates the
input from the output.
The AS1344 is ideal for LCD or OLED panels with low
current requirements and can also be used in a wide
range of other applications.
The device is available in a low-profile TDFN-10 3x3mm
package.
2 Key Features
!
5.5V to 42V Adjustable Output Voltage
!
0.9V to 3.6V Supply Voltage Range
!
High Output Current:
- 30mA @ 12V VOUT, from 1.5V VCC
!
Efficiency: Up to 85%
!
Switching Frequency: 1MHz
!
Output Disconnect Function
!
Softstart Function with adjustable Current Limit
!
Output Discharge Function
!
Power-OK Output
!
Quiescent Current: 22µA
!
Shutdown Current: 0.1µA
!
TDFN-10 3x3mm Package
3 Applications
The device is ideal for OLED display power supply, LCD
bias generators, mobile/cordless phones, palmtop com-
puters, PDAs and organizers, handy terminals, driving
LEDs or any other portable, battery-powered device.
Figure 1. AS1344 - Typical Application Diagram
L1
VCC = 0.9V
to 3.6V
R3
EN
VCC
FB
POK
LX
On
Off
R2
R1
VOUT = 5.5V to 42V
CIN
COUT
GND
VOUT
AS1344
SWOUT
PGND
D1
VIN
RV
VCC
GND


Similar Part No. - AS1344

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
logo
ams-OSRAM AG
AS1340 AMSOSRAM-AS1340 Datasheet
792Kb / 18P
50V, Micropower, DC-DC Boost Converter
Revision 1.20
logo
ams AG
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
More results

Similar Description - AS1344

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
logo
ams AG
AS1343 AMSCO-AS1343 Datasheet
1Mb / 17P
42V, 1-2 Cells, Micropower, DC-DC Boost Converter
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
AUGUST 2004
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
AUGUST 2004
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Maxim Integrated Produc...
MAX15462C12EVKIT MAXIM-MAX15462C12EVKIT Datasheet
1Mb / 8P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462BEVKIT MAXIM-MAX15462BEVKIT Datasheet
786Kb / 8P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462AEVKIT MAXIM-MAX15462AEVKIT Datasheet
735Kb / 9P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com