Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet (PDF) - NXP Semiconductors

PBSS302ND Datasheet PDF - NXP Semiconductors
Part # PBSS302ND
Download  PBSS302ND Download
File Size   143.6 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 4 A NPN low VCEsat (BISS) transistor

PBSS302ND Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS302ND Datasheet PDF - NXP Semiconductors

Part # PBSS302ND
Download  PBSS302ND Click to download

File Size   143.6 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 4 A NPN low VCEsat (BISS) transistor

PBSS302ND Datasheet (HTML) - NXP Semiconductors


PBSS302ND Product details

General description
NPN low VCEsat Breakthrough In Small Signal (BISS) transistor in a SOT457 (SC-74) small Surface-Mounted Device (SMD) plastic package.

PNP complement: PBSS302PD.

Features
■ Ultra low collector-emitter saturation voltage VCEsat
■ 4 A continuous collector current capability IC
■ Up to 15 A peak current
■ Very low collector-emitter saturation resistance
■ High efficiency due to less heat generation

Applications
■ Power management functions
■ Charging circuits
■ DC-to-DC conversion
■ MOSFET gate driving
■ Power switches (e.g. motors, fans)
■ Thin Film Transistor (TFT) backlight inverter




Similar Part No. - PBSS302ND

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS302ND NEXPERIA-PBSS302ND Datasheet
258Kb / 15P
40 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02 - 18 February 2008
More results


Similar Description - PBSS302ND

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS2540M PHILIPS-PBSS2540M Datasheet
73Kb / 9P
40 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Jul 22
PBSS4240T NXP-PBSS4240T Datasheet
270Kb / 7P
40 V; 2 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4540X NXP-PBSS4540X Datasheet
206Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS4240Z PHILIPS-PBSS4240Z_15 Datasheet
217Kb / 14P
40 V, 2 A NPN low VCEsat (BISS) transistor
16 October 2014
PBSS4240T PHILIPS-PBSS4240T_15 Datasheet
270Kb / 7P
40 V; 2 A NPN low VCEsat (BISS) transistor
2004 Jan 09
logo
Nexperia B.V. All right...
PBSS4240Z NEXPERIA-PBSS4240Z Datasheet
705Kb / 14P
40 V, 2 A NPN low VCEsat (BISS) transistor
PBSS302ND NEXPERIA-PBSS302ND Datasheet
258Kb / 15P
40 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02 - 18 February 2008
PBSS4140T NEXPERIA-PBSS4140T Datasheet
657Kb / 9P
40 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
PBSS4440D NEXPERIA-PBSS4440D Datasheet
303Kb / 14P
40 V NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com