Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBSS302ND
Description  40 V, 4 A NPN low VCEsat (BISS) transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302ND Datasheet(HTML) 1 Page - NXP Semiconductors

  PBSS302ND Datasheet HTML 1Page - NXP Semiconductors PBSS302ND Datasheet HTML 2Page - NXP Semiconductors PBSS302ND Datasheet HTML 3Page - NXP Semiconductors PBSS302ND Datasheet HTML 4Page - NXP Semiconductors PBSS302ND Datasheet HTML 5Page - NXP Semiconductors PBSS302ND Datasheet HTML 6Page - NXP Semiconductors PBSS302ND Datasheet HTML 7Page - NXP Semiconductors PBSS302ND Datasheet HTML 8Page - NXP Semiconductors PBSS302ND Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
NPN low VCEsat Breakthrough In Small Signal (BISS) transistor in a SOT457 (SC-74)
small Surface-Mounted Device (SMD) plastic package.
PNP complement: PBSS302PD.
1.2 Features
I Ultra low collector-emitter saturation voltage VCEsat
I 4 A continuous collector current capability IC
I Up to 15 A peak current
I Very low collector-emitter saturation resistance
I High efficiency due to less heat generation
1.3 Applications
I Power management functions
I Charging circuits
I DC-to-DC conversion
I MOSFET gate driving
I Power switches (e.g. motors, fans)
I Thin Film Transistor (TFT) backlight inverter
1.4 Quick reference data
[1]
Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
[2]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PBSS302ND
40 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02 — 18 February 2008
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
40
V
IC
collector current
[1] --4
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
--15
A
RCEsat
collector-emitter
saturation resistance
IC =6A;
IB = 600 mA
[2] -
5575m
Ω


Similar Part No. - PBSS302ND

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS302ND NEXPERIA-PBSS302ND Datasheet
258Kb / 15P
40 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02 - 18 February 2008
More results

Similar Description - PBSS302ND

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS2540M PHILIPS-PBSS2540M Datasheet
73Kb / 9P
40 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Jul 22
PBSS4240T NXP-PBSS4240T Datasheet
270Kb / 7P
40 V; 2 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4540X NXP-PBSS4540X Datasheet
206Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS4240Z PHILIPS-PBSS4240Z_15 Datasheet
217Kb / 14P
40 V, 2 A NPN low VCEsat (BISS) transistor
16 October 2014
PBSS4240T PHILIPS-PBSS4240T_15 Datasheet
270Kb / 7P
40 V; 2 A NPN low VCEsat (BISS) transistor
2004 Jan 09
logo
Nexperia B.V. All right...
PBSS4240Z NEXPERIA-PBSS4240Z Datasheet
705Kb / 14P
40 V, 2 A NPN low VCEsat (BISS) transistor
PBSS302ND NEXPERIA-PBSS302ND Datasheet
258Kb / 15P
40 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02 - 18 February 2008
PBSS4140T NEXPERIA-PBSS4140T Datasheet
657Kb / 9P
40 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
PBSS4440D NEXPERIA-PBSS4440D Datasheet
303Kb / 14P
40 V NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com