Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS302ND
Description  40 V, 4 A NPN low VCEsat (BISS) transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302ND Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS302ND Datasheet HTML 2Page - NXP Semiconductors PBSS302ND Datasheet HTML 3Page - NXP Semiconductors PBSS302ND Datasheet HTML 4Page - NXP Semiconductors PBSS302ND Datasheet HTML 5Page - NXP Semiconductors PBSS302ND Datasheet HTML 6Page - NXP Semiconductors PBSS302ND Datasheet HTML 7Page - NXP Semiconductors PBSS302ND Datasheet HTML 8Page - NXP Semiconductors PBSS302ND Datasheet HTML 9Page - NXP Semiconductors PBSS302ND Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PBSS302ND_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 February 2008
6 of 14
NXP Semiconductors
PBSS302ND
40 V, 4 A NPN low VCEsat (BISS) transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =40V; IE = 0 A
-
-
0.1
µA
VCB =40V; IE =0A;
Tj = 150 °C
--50
µA
ICES
collector-emitter
cut-off current
VCE =30V; VBE =0V
-
-
0.1
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
0.1
µA
hFE
DC current gain
VCE =2V; IC = 0.5 A
300
500
-
VCE =2V; IC =1A
[1] 300
475
-
VCE =2V; IC =2A
[1] 250
385
-
VCE =2V; IC =4A
[1] 100
190
-
VCE =2V; IC =6A
[1] 50
100
-
VCEsat
collector-emitter
saturation voltage
IC = 0.5 A; IB = 50 mA
-
35
60
mV
IC = 1 A; IB = 50 mA
-
65
110
mV
IC = 2 A; IB = 200 mA
-
115
180
mV
IC = 4 A; IB = 400 mA
[1] -
220
300
mV
IC = 6 A; IB = 600 mA
[1] -
330
450
mV
RCEsat
collector-emitter
saturation resistance
IC = 6 A; IB = 600 mA
[1] -
5575m
Ω
VBEsat
base-emitter
saturation voltage
IC = 0.5 A; IB = 50 mA
-
0.79
0.85
V
IC = 1 A; IB = 50 mA
-
0.81
0.9
V
IC = 1 A; IB = 100 mA
[1] -
0.83
1
V
IC = 4 A; IB = 400 mA
[1] -
1.0
1.1
V
VBEon
base-emitter turn-on
voltage
VCE =2V; IC = 2 A
-
0.79
1.0
V
td
delay time
VCC =10V; IC =2A;
IBon = 0.1 A;
IBoff = −0.1 A
-12
-
ns
tr
rise time
-
52
-
ns
ton
turn-on time
-
64
-
ns
ts
storage time
-
390
-
ns
tf
fall time
-
120
-
ns
toff
turn-off time
-
510
-
ns
fT
transition frequency
VCE =10V; IC = 0.1 A;
f = 100 MHz
-
150
-
MHz
Cc
collector capacitance VCB =10V; IE =ie =0A;
f=1MHz
-30
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com