Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS302ND
Description  40 V, 4 A NPN low VCEsat (BISS) transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302ND Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS302ND Datasheet HTML 1Page - NXP Semiconductors PBSS302ND Datasheet HTML 2Page - NXP Semiconductors PBSS302ND Datasheet HTML 3Page - NXP Semiconductors PBSS302ND Datasheet HTML 4Page - NXP Semiconductors PBSS302ND Datasheet HTML 5Page - NXP Semiconductors PBSS302ND Datasheet HTML 6Page - NXP Semiconductors PBSS302ND Datasheet HTML 7Page - NXP Semiconductors PBSS302ND Datasheet HTML 8Page - NXP Semiconductors PBSS302ND Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PBSS302ND_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 February 2008
2 of 14
NXP Semiconductors
PBSS302ND
40 V, 4 A NPN low VCEsat (BISS) transistor
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
collector
2
collector
3
base
4
emitter
5
collector
6
collector
13
2
4
5
6
sym014
1, 2, 5, 6
4
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PBSS302ND
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 4.
Marking codes
Type number
Marking code
PBSS302ND
C7
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
40
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
[1] -4
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-15
A
IB
base current
-
0.8
A
IBM
peak base current
single pulse;
tp ≤ 1ms
-2
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -
360
mW
[3] -
600
mW
[4] -
750
mW
[1] -
1.1
W
[2][5] -
2.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com