Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS302ND
Description  40 V, 4 A NPN low VCEsat (BISS) transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302ND Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS302ND Datasheet HTML 6Page - NXP Semiconductors PBSS302ND Datasheet HTML 7Page - NXP Semiconductors PBSS302ND Datasheet HTML 8Page - NXP Semiconductors PBSS302ND Datasheet HTML 9Page - NXP Semiconductors PBSS302ND Datasheet HTML 10Page - NXP Semiconductors PBSS302ND Datasheet HTML 11Page - NXP Semiconductors PBSS302ND Datasheet HTML 12Page - NXP Semiconductors PBSS302ND Datasheet HTML 13Page - NXP Semiconductors PBSS302ND Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PBSS302ND_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 February 2008
10 of 14
NXP Semiconductors
PBSS302ND
40 V, 4 A NPN low VCEsat (BISS) transistor
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 15. Package outline SOT457 (SC-74)
04-11-08
Dimensions in mm
3.0
2.5
1.7
1.3
3.1
2.7
pin 1 index
1.9
0.26
0.10
0.40
0.25
0.95
1.1
0.9
0.6
0.2
13
2
4
5
6
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PBSS302ND
SOT457
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com