Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS302ND
Description  40 V, 4 A NPN low VCEsat (BISS) transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302ND Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS302ND Datasheet HTML 3Page - NXP Semiconductors PBSS302ND Datasheet HTML 4Page - NXP Semiconductors PBSS302ND Datasheet HTML 5Page - NXP Semiconductors PBSS302ND Datasheet HTML 6Page - NXP Semiconductors PBSS302ND Datasheet HTML 7Page - NXP Semiconductors PBSS302ND Datasheet HTML 8Page - NXP Semiconductors PBSS302ND Datasheet HTML 9Page - NXP Semiconductors PBSS302ND Datasheet HTML 10Page - NXP Semiconductors PBSS302ND Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PBSS302ND_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 February 2008
7 of 14
NXP Semiconductors
PBSS302ND
40 V, 4 A NPN low VCEsat (BISS) transistor
VCE =2V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 5.
DC current gain as a function of collector
current; typical values
Fig 6.
Collector current as a function of
collector-emitter voltage; typical values
VCE =2V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 7.
Base-emitter voltage as a function of collector
current; typical values
Fig 8.
Base-emitter saturation voltage as a function of
collector current; typical values
IC (mA)
10−1
105
104
103
1102
10
006aaa274
400
600
200
800
1000
hFE
0
(1)
(2)
(3)
2
4
6
8
10
12
VCE (V)
0
2.0
1.6
0.8
1.2
0.4
006aaa280
14
IC
(A)
0
IB (mA) = 400
360
280
240
200
160
120
80
40
320
IC (mA)
10−1
105
104
103
1102
10
006aaa275
0.8
0.4
1.2
1.6
VBE
(V)
0
(1)
(2)
(3)
IC (mA)
10−1
105
104
103
1102
10
006aaa344
0.8
0.4
1.2
1.6
VBEsat
(V)
0
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com