Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS302ND
Description  40 V, 4 A NPN low VCEsat (BISS) transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302ND Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS302ND Datasheet HTML 6Page - NXP Semiconductors PBSS302ND Datasheet HTML 7Page - NXP Semiconductors PBSS302ND Datasheet HTML 8Page - NXP Semiconductors PBSS302ND Datasheet HTML 9Page - NXP Semiconductors PBSS302ND Datasheet HTML 10Page - NXP Semiconductors PBSS302ND Datasheet HTML 11Page - NXP Semiconductors PBSS302ND Datasheet HTML 12Page - NXP Semiconductors PBSS302ND Datasheet HTML 13Page - NXP Semiconductors PBSS302ND Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PBSS302ND_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 February 2008
11 of 14
NXP Semiconductors
PBSS302ND
40 V, 4 A NPN low VCEsat (BISS) transistor
11. Soldering
Dimensions in mm
Fig 16. Reflow soldering footprint SOT457 (SC-74)
Dimensions in mm
Fig 17. Wave soldering footprint SOT457 (SC-74)
solder lands
solder resist
occupied area
solder paste
0.95
2.825
0.45 0.55
1.60
1.95
3.45
1.70
3.10
3.20
3.30
msc422
1.40
4.30
5.30
0.45
msc423
1.45 4.45
5.05
solder lands
solder resist
occupied area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com