Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS302ND
Description  40 V, 4 A NPN low VCEsat (BISS) transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302ND Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS302ND Datasheet HTML 1Page - NXP Semiconductors PBSS302ND Datasheet HTML 2Page - NXP Semiconductors PBSS302ND Datasheet HTML 3Page - NXP Semiconductors PBSS302ND Datasheet HTML 4Page - NXP Semiconductors PBSS302ND Datasheet HTML 5Page - NXP Semiconductors PBSS302ND Datasheet HTML 6Page - NXP Semiconductors PBSS302ND Datasheet HTML 7Page - NXP Semiconductors PBSS302ND Datasheet HTML 8Page - NXP Semiconductors PBSS302ND Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PBSS302ND_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 February 2008
3 of 14
NXP Semiconductors
PBSS302ND
40 V, 4 A NPN low VCEsat (BISS) transistor
[1]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[5]
Operated under pulsed conditions: Duty cycle
δ≤ 10 % and pulse width tp ≤ 10 ms.
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 6 cm2
(3) FR4 PCB, mounting pad for collector 1 cm2
(4) FR4 PCB, standard footprint
Fig 1.
Power derating curves
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
(1)
Tamb (°C)
−75
175
125
25
75
−25
006aaa270
800
400
1200
1600
Ptot
(mW)
0
(2)
(4)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com